Part Number Hot Search : 
0040BPSL C8105 17N60 103K00 DKI04035 SSF3056C PJQ5460A A1203
Product Description
Full Text Search
 

To Download BAT43WS-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
BAT42WS / BAT43WS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
! ! ! Low Turn-on Voltage A
SOD-323 Dim Min 2.30 1.75 1.15 0.25 0.05 0.70 0.30 Max 2.70 1.95 1.35 0.35 0.15 0.95 -- A B C D
Fast Switching PN Junction Guard Ring for Transient and ESD Protection ! Designed for Surface Mount Application C ! Plastic Material - UL Recognition Flammability Classification 94V-O E
D B G
Mechanical Data
! ! ! ! ! Case: SOD-323, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.004 grams (approx.) Marking: BAT42WS L2 BAT43WS L3
@TA=25C unless otherwise specified
E G H
All Dimensions in mm
H
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s @ t < 10ms
Symbol VRRM VRWM VR IF IFRM IFSM Pd RJA Tj, TSTG
BAT42WS / BAT43WS
Unit
30 200 500 4.0 200 625 -55 to +125
V mA mA A mW K/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage
@TA=25C unless otherwise specified
Symbol V(BR)R BAT42WS
Min 30
Typ --
Max -- 0.4
Unit V
Test Condition @ IRS = 100A @ IF = 1.0mA
Forward Voltage
BAT42WS BAT43WS BAT43WS
VF
--
--
1.0 0.33 1.0
V
@ IF = 200mA @ IF = 2.0mA @ IF = 200mA
Reverse Leakage Current Junction Capacitance Reverse Recovery Time
IR Cj trr
-- -- --
-- -- --
0.5 10 5.0
A pF nS
@ VR = 25V VR = 1.0V, f = 1.0MHz IF = IR = 10mA, IRR = 0.1 x IR, RL = 100
Note: 1. Valid provided that terminals are kept at ambient temperature.
BAT42WS / BAT43WS
1 of 2
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
BAT42WS-T1 BAT42WS-T3 BAT43WS-T1 BAT43WS-T3
Package Type
SOD-323 SOD-323 SOD-323 SOD-323
Shipping Quantity
3000/Tape & Reel 10000/Tape & Reel 3000/Tape & Reel 10000/Tape & Reel
Products listed in bold are WTE Preferred devices. ! T1 suffix refers to a 7" reel. T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.062 (1.60)
0.047 (1.20)
0.055 (1.40)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
BAT42WS / BAT43WS
2 of 2


▲Up To Search▲   

 
Price & Availability of BAT43WS-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X